Part Number Hot Search : 
OZ9976 76165 UH08A 2SC47 K1525CDB 2SC3295 S216S02 SMA1021
Product Description
Full Text Search
 

To Download TCTU1A475M8R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/5 chip tantalum capacitors (bottom surface electrode type) tct series u case www.rohm.com c 2013 rohm co., ltd. all rights reserved. 2013.12 - rev.g da t asheet ? features 1) bottom electrode configuration results in significantly greater compactness. 2) filet formation enables easy visibility after mounting. 3) ideal for noise removal on power supply lines with limited space. 4) eco-friendly halogen-free products. ? dimensions l w 1 anode mark w 2 h + s s dimensions (unit : mm) size l w 1 w 2 0.35 0.1 h s 0.35 0.1 0.6 max. 1.0 + 0.2 0 0.5 + 0.2 0 ? part no. explanation rated voltage capacitance tolerance nominal capacitance in pf in 3 digits: 2 significant figures followed by the figure representing the number of 0's. ? this specification has possibility of charge, due to underdevelopment product.please ask for latest specification to our sales. 8 : reel width : 8mm r : positive electrode on the side opposite to sprocket hole 6 1 series name tct 2 case style u : 1005-06 (0402) size 3 4 nominal capacitance 5 taping m : 20% 4 code 6.3 0j 10 1a rated voltage (v) 0g 2.5 0e 16 1c 20 1d t t c t 1 2 3 6 4 5 u g 7 5 m 8 r 04 downloaded from: http:///
2/5 da t asheet tct series u case www.rohm.com c 2013 rohm co., ltd. all rights reserved. 2013.12 - rev.g ? rated table capacitance ( f) rated voltage (v.dc) 2.5 4 6.3 10 under development u uu u u 16 20 1.0 (105) 1.0 (105) 0.47 (474) 0.33 (334) 2.2 (225)3.3 (335) 4.7 (475) 10 (106)15 (156) u u u u u u u u u u u remark) case size codes (u) in the above show products line-up. ? marking the indications listed below should be given on the surface of a capacitor. (1) polarity : the polarity should be shown by bar. (on the anode side) (2) rated dc voltage : a voltage code is shown as below table.(3) capacitance : a capacitance code is shown as below table. voltage code rated dc voltage (v) a e 2.5 g4 10 capacitance code nominal capacitance ( f) c1 6 d2 0 a s 4.7 n 3.3 j 2.2 a 1.0 s _ 0.47 n _ 0.33 10 e1 5 j 6.3 [u case]ex.) visual typical examplevoltage code and capacitance code are variable with parts number. (1) voltage code (2) capacitance code (1) g (2) s gs g s manufacture code downloaded from: http:///
3/5 da t asheet tct series u case www.rohm.com c 2013 rohm co., ltd. all rights reserved. 2013.12 - rev.g ? characteristics item performance test conditions (based on jis c 5101 1 and jis c 5101 3) operating temperature 55 c to + 125 c maximum operatingtemperature with no voltage derating + 85 c rated voltage (v.dc) 10 6.3 4 category voltage (v.dc) 6.3 4 2.5 surge voltage (v.dc) 13 1610 20 2013 26 8 5.0 2.51.6 3.2 dc leakage current shall be satisfied the value on " standard list " capacitance tolerance measuring frequency : 100 10khz measuring voltage : 0.5vrms or lessmeasuring circuit : dc equivalent series circuit tangent of loss angle(df, tan ) impedance shall be satisfied the value on " standard list " measuring frequency : 120 12hz measuring voltage : 0.5vrms + 1.5v.dc measuring circuit : dc equivalent series circuit shall be satisfied the value on " standard list " at 85 c at 125 c at 85 c voltage : rated voltage for 5min shall be satisfied allowance range. 20% measuring frequency : 120 12hz measuring voltage : 0.5vrms + 1.5v.dc measuring circuit : dc equivalent series circuit voltage reduction when temperature exceeds + 85 c as per 4.9 jis c 5101-1as per 4.5.1 jis c 5101-3 as per 4.7 jis c 5101-1 as per 4.5.2 jis c 5101-3 as per 4.8 jis c 5101-1 as per 4.5.3 jis c 5101-3 as per 4.10 jis c 5101-1 as per 4.5.4 jis c 5101-3 resistance tosoldering heat temperature cycle moisture resistance there should be no significant abnormality.the indications should be clear. appearancedf (tan ) l.c. less than 200% of initial limitless than 200% of initial limit as per 4.14 jis c 5101-1as per 4.6 jis c 5101-3 dip in the solder bath solder temp : 260 5 c duration : 5 0.5s repetition : 1 after the specimens, leave it at room temperature for over 24h and then measure the sample. as per 4.16 jis c 5101-1 as per 4.10 jis c 5101-3 as per 4.22 jis c 5101-1 as per 4.12 jis c 5101-3 there should be no significant abnormality.the indications should be clear. appearancedf (tan ) l.c. less than 1000% of initial limit after leaving the sample under such atmosphericcondition that the temperature and humidity are 60 2 c and 90 to 95% rh, respectiveiy, for 500 12h leave it at roomtemperature for over 24h and then measure the sample. within 20% of initial value within 30% of initial value within + 20/ 30% of initial value less than 300% of initial limit there should be no significant abnormality.the indications should be clear. appearancedf (tan ) l.c. less than 200% of initial limit repetition : 5 cycles(1 cycle : steps 1 to 4) without discontinuation. less than 200% of initial limit temp. time 12 3 4 room temp.room temp. 3min. or less3min. or less 30 3min. 30 3min. 55 3 c 125 2 c after the specimens, leave it at room temperature for over 24h and then measure the sample. c / c c / c c / c downloaded from: http:///
4/5 da t asheet tct series u case www.rohm.com c 2013 rohm co., ltd. all rights reserved. 2013.12 - rev.g item performance test conditions (based on jis c 5101 1 and jis c 5101 3) temperaturestability surge voltage shall be satisfied the voltage on " standard list " as per 4.29 jis c 5101-1as per 4.13 jis c 5101-3 as per 4.23 jis c 5101-1 as per 4.15 jis c 5101-3 as per 4.35 jis c 5101-1 as per 4.9 jis c 5101-3 temp.appearance there should be no significant abnormality. temp. 55 c + 85 c df (tan ) l.c.l.c. less than 1000% of initial limit shall be satisfied the voltage on " standard list " df (tan ) shall be satisfied the voltage on " standard list " df (tan ) l.c. less than 1250% of initial limit temp. + 125 c within 0/ 30% of initial value within + 20/0% of initial value within + 15/0% of initial value loading at high temperature df (tan ) l.c. l.c. less than 200% of initial valueless than 200% of initial limit after applying the rated voltage for 1000 + 36/0 h without discontinuation via the serial resistance of 3 or less at a temperature of 85 2 c, leave the sample at room temperature / humidity for over 24h and measure the value. as per 4.26jis c 5101-1as per 4.14jis c 5101-3 apply the specified surge voltage via the serial resistance of 1k every 5 0.5 min. for 30 5 s. each time in the atmospheric condition of 85 2 c. repeat this procedure 1,000 times.after the specimens, leave it at room temperature for over 24h and then measure the sample. df (tan ) less than 300% of initial limit less than 200% of initial limitwithin + 20/ 30% of initial value there should be no significant abnormality. appearance there should be no significant abnormality. appearance terminal strength the measured value should be stable. a force is applied to the terminal until it bends to 1mm andby a prescribed tool maintain the condition for 5s. (see the figure below) capacitance 1 f (apply force) (unit : mm) 20 50 r230 45 45 thickness=1.6mm within 20% of initial value adhesivenessdimensions the terminal should not come off. as per 4.34 jis c 5101-1as per 4.8 jis c 5101-3 apply force of 1n in the two directions shown in the figure below for 10 1s after mounting the terminal on a circuit board. refer to "external dimensions" measure using a caliper of jis b 7507 class 2or higher grade. resistance to solvents the indication should be clear as per 4.32 jis c 5101-1as per 4.18 jis c 5101-3 dip in the isopropyl alcohol for 30 5s, at room temperature. solderability 3/4 or more surface area of the solder coatedterminal dipped in the soldering bath should be covered with the new solder. as per 4.15.2 jis c 5101-1as per 4.7 jis c 5101-3 dip speed=25 2.5mm / s pre-treatment (accelerated aging): leavethe sample on the boiling distilled water for 1 h. solder temp. : 245 5 c duration : 3 0.5s solder : m705flux : rosin 25% ipa 75% capacitance vibration appearance measure value should not fluctuate during the measurement. there should be no significant abnormality. as per 4.17 jis c 5101-1frequency : 10 to 55 to 10hz/min. amplitude : 1.5mm time : 2h each in x and y directions mounting : the terminal is soldered on a print circuit board. c / c c / c c / c c / c c / c apply force a circuit board product ja downloaded from: http:///
5/5 da t asheet tct series u case www.rohm.com c 2013 rohm co., ltd. all rights reserved. 2013.12 - rev.g ? standard products list part no. rated voltage 85 c (v) category voltage 125 c (v) cap. 120hz ( f) tolerance (%) leakage current 25 c 1wv.5min ( a) 55 c 125 c impedance 100khz ( ) df 120hz (%) ? = under development 20 20 20 20 20 20 20 20 20 25 c 85 c tct u 0g 475 m8r ? tct u 0g 106 m8r tct u 0j 105 m8r tct u 0j 225 m8r tct u 0j 475 m8r ? tct u 1a 335 m8r ? tct u 1c 105 m8r ? tct u 0e 156 m8r tct u 0j 474 m8r 44 6.36.3 6.3 1016 2.56.3 2.52.5 44 4 6.3 10 1.6 4 4.7 10 1 2.24.7 3.3 1 15 0.47 1.9 8 0.71.4 3 3.3 7.50.5 1.6 9035 90 35 3535 90 90 90 2050 20 20 50 50 50 5020 60 60 60 25 25 60 25 6025 2025 20 20 25 25 25 20 tct u 1d 334 m8r 20 13 0.33 0.7 20 30 2535 20 ? tct u 0j 355 m8r 6.3 4 3.3 - - -- - ----- 20 ? tct u 0j 106 m8r 6.3 4 10 - - -- - 20 ? tct u 1a 105 m8r 10 6.3 1 1 35 20 25 20 20 ? tct u 1a 225 m8r 10 6.3 2.2 2.2 90 50 60 25 20 ? tct u 1a 475 m8r 10 6.3 4.7 9.4 90 50 60 25 20 ? tct u 1c 474 m8r 16 10 0.47 ? packaging specifications pull-out direction p 2 p 1 a b p 0 w ef sprocket hole d 0 component is loaded t 1 t 2 (unit : mm) abwefp 1 p 2 p 0 d 0 t 1 t 2 standard packaging quantity 0.75 0.05 1.4 0.05 8.0 0.2 1.75 0.1 3.5 0.05 2.0 0.1 2.0 0.05 4.0 0.1 1.5 + 0.1/0 0.2 0.05 0.65 0.05 10,000pcs downloaded from: http:///
6/5 da t asheet tct series u case www.rohm.com c 2013 rohm co., ltd. all rights reserved. 2013.12 - rev.g ? reel dimensions 13 0.2 60 + 1.0 0 0 1.5 180 9.0 11.4 1.0 label eiaj et 7200a pull-out direction + 1.0 0 (unit : mm) downloaded from: http:///
datasheet d a t a s h e e t notice-pga-e rev.001 ? 2015 rohm co., ltd. all rights reserved. notice precaution on using rohm products 1. our products are designed and manufac tured for application in ordinary elec tronic equipments (such as av equipment, oa equipment, telecommunication equipment, home electroni c appliances, amusement equipment, etc.). if you intend to use our products in devices requiring ex tremely high reliability (such as medical equipment (note 1) , transport equipment, traffic equipment, aircraft/spacecra ft, nuclear power controllers, fuel c ontrollers, car equipment including car accessories, safety devices, etc.) and whose malfunction or failure may cause loss of human life, bodily injury or serious damage to property (specific applications), please consult with the rohm sale s representative in advance. unless otherwise agreed in writing by rohm in advance, rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of any ro hms products for specific applications. (note1) medical equipment classification of the specific applications japan usa eu china class  class  class  b class  class ? class  2. rohm designs and manufactures its products subject to strict quality control system. however, semiconductor products can fail or malfunction at a certain rate. please be sure to implement, at your own responsibilities, adequate safety measures including but not limited to fail-safe desi gn against the physical injury, damage to any property, which a failure or malfunction of our products may cause. the following are examples of safety measures: [a] installation of protection circuits or other protective devices to improve system safety [b] installation of redundant circuits to reduce the impact of single or multiple circuit failure 3. our products are designed and manufactured for use under standard conditions and not under any special or extraordinary environments or conditio ns, as exemplified below. accordin gly, rohm shall not be in any way responsible or liable for any damages, expenses or losses arising from the use of an y rohms products under any special or extraordinary environments or conditions. if you intend to use our products under any special or extraordinary environments or conditions (as exemplified below), your independent verification and confirmation of product performance, reliability, etc, prior to use, must be necessary: [a] use of our products in any types of liquid, incl uding water, oils, chemicals, and organic solvents [b] use of our products outdoors or in places where the products are exposed to direct sunlight or dust [c] use of our products in places where the products ar e exposed to sea wind or corrosive gases, including cl 2 , h 2 s, nh 3 , so 2 , and no 2 [d] use of our products in places where the products are exposed to static electricity or electromagnetic waves [e] use of our products in proximity to heat-producing components, plastic cords, or other flammable items [f] sealing or coating our products with resin or other coating materials [g] use of our products without cleaning residue of flux (ev en if you use no-clean type fluxes, cleaning residue of flux is recommended); or washing our products by using water or water-soluble cleaning agents for cleaning residue after soldering [h] use of the products in places subject to dew condensation 4. the products are not subjec t to radiation-proof design. 5. please verify and confirm characteristics of the final or mounted products in using the products. 6. in particular, if a transient load (a large amount of load applied in a short per iod of time, such as pulse. is applied, confirmation of performance characteristics after on-boar d mounting is strongly recomm ended. avoid applying power exceeding normal rated power; exceeding the power rating under steady-state loading c ondition may negatively affect product performance and reliability. 7. de-rate power dissipation (pd) depending on ambient temper ature (ta). when used in seal ed area, confirm the actual ambient temperature. 8. confirm that operation temperat ure is within the specified range described in the product specification. 9. rohm shall not be in any way responsible or liable for fa ilure induced under deviant condi tion from what is defined in this document. precaution for mounting / circuit board design 1. when a highly active halogenous (chlori ne, bromine, etc.) flux is used, the resi due of flux may negatively affect product performance and reliability. 2. in principle, the reflow soldering method must be used on a surface-mount products, the flow soldering method must be used on a through hole mount products. if the flow sol dering method is preferred on a surface-mount products, please consult with the rohm representative in advance. for details, please refer to rohm mounting specification downloaded from: http:///
datasheet d a t a s h e e t notice-pga-e rev.001 ? 2015 rohm co., ltd. all rights reserved. precautions regarding application examples and external circuits 1. if change is made to the constant of an external circuit, pl ease allow a sufficient margin considering variations of the characteristics of the products and external components, including transient characteri stics, as well as static characteristics. 2. you agree that application notes, re ference designs, and associated data and in formation contained in this document are presented only as guidance for products use. theref ore, in case you use such information, you are solely responsible for it and you must exercise your own indepen dent verification and judgment in the use of such information contained in this document. rohm shall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of such information. precaution for electrostatic this product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. please take proper caution in your manufacturing process and storage so that voltage exceeding t he products maximum rating will not be applied to products. please take special care under dry condit ion (e.g. grounding of human body / equipment / solder iron, isolation from charged objects, se tting of ionizer, friction prevention and temperature / humidity control). precaution for storage / transportation 1. product performance and soldered connections may deteriora te if the products are stor ed in the places where: [a] the products are exposed to sea winds or corros ive gases, including cl2, h2s, nh3, so2, and no2 [b] the temperature or humidity exceeds those recommended by rohm [c] the products are exposed to di rect sunshine or condensation [d] the products are exposed to high electrostatic 2. even under rohm recommended storage c ondition, solderability of products out of recommended storage time period may be degraded. it is strongly recommended to confirm sol derability before using products of which storage time is exceeding the recommended storage time period. 3. store / transport cartons in the co rrect direction, which is indicated on a carton with a symbol. otherwise bent leads may occur due to excessive stress applied when dropping of a carton. 4. use products within the specified time after opening a humidity barrier bag. baking is required before using products of which storage time is exceeding the recommended storage time period. precaution for product label qr code printed on rohm products label is for rohms internal use only. precaution for disposition when disposing products please dispose them proper ly using an authorized industry waste company. precaution for foreign exchange and foreign trade act since concerned goods might be fallen under listed items of export control prescribed by foreign exchange and foreign trade act, please consult with rohm in case of export. precaution regarding intellectual property rights 1. all information and data including but not limited to application example contained in this document is for reference only. rohm does not warrant that foregoi ng information or data will not infringe any intellectual property rights or any other rights of any third party regarding such information or data. 2. rohm shall not have any obligations where the claims, actions or demands arising from the co mbination of the products with other articles such as components, circuits, systems or external equipment (including software). 3. no license, expressly or implied, is granted hereby under any intellectual property rights or other rights of rohm or any third parties with respect to the products or the informati on contained in this document. pr ovided, however, that rohm will not assert its intellectual property rights or other rights against you or your customers to the extent necessary to manufacture or sell products containing the produc ts, subject to the terms and conditions herein. other precaution 1. this document may not be reprinted or reproduced, in whol e or in part, without prior written consent of rohm. 2. the products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written consent of rohm. 3. in no event shall you use in any wa y whatsoever the products and the related technical information contained in the products or this document for any military purposes, incl uding but not limited to, the development of mass-destruction weapons. 4. the proper names of companies or products described in this document are trademarks or registered trademarks of rohm, its affiliated companies or third parties. downloaded from: http:///
datasheet datasheet notice C we rev.001 ? 201 5 rohm co., ltd. all rights reserved. general precaution 1. before you use our pro ducts, you are requested to care fully read this document and fully understand its contents. rohm shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny rohms products against warning, caution or note contained in this document. 2. all information contained in this docume nt is current as of the issuing date and subj ec t to change without any prior notice. before purchasing or using rohms products, please confirm the la test information with a rohm sale s representative. 3. the information contained in this doc ument is provi ded on an as is basis and rohm does not warrant that all information contained in this document is accurate an d/or error-free. rohm shall not be in an y way responsible or liable for an y damages, expenses or losses incurred b y you or third parties resulting from inaccur acy or errors of or concerning such information. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of TCTU1A475M8R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X